Part Number Hot Search : 
C5030F0 IN7440D 21620 W3H32M64 PSA40W D1815 75XKCT C7805
Product Description
Full Text Search
 

To Download CK45-B3AD472KYNN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1/2) 003-01 / 20060618 / e413_ck45.fm ? all specifications are subject to change without notice. mid-high voltage ceramic capacitors(disk with lead) general use ck45 series shapes and dimensions capacitance temperature characteristics and tolerance capacitance and dimensions temperature characteristics: b(10%) rated voltage edc: 1kv rated voltage edc: 2kv ? 1kv and 2kv are e6 series standard products in temperature characteris- tics b. rated voltage edc: 3kv conformity to rohs directive ?d max. f ?0.6 0.05 5 1 4max. t max. 5 1 4max. dimensions in mm temperature characteristics temperature range capacitance tolerance b(10%) ?25 to +85c k(10%) e(+20, ?55%) ?25 to +85c z(+80, ?20%) part no. capacitance (pf) dimensio ns (mm) ?d max. t max. f ck45-b3ad101kynn to ck45-b3ad681kynn 100 ? , 120, 150 ? 180, 220 ? , 270 330 ? , 390, 470 ? 560, 680 ? 5.5 5 51.5 ck45-b3ad821kynn 820 6 5 51.5 ck45-b3ad102kynn 1,000 ? 6551.5 ck45-b3ad122kynn 1,200 6.5 5 51.5 ck45-b3ad152kynn 1,500 ? 7551.5 ck45-b3ad182kynn 1,800 7.5 5 51.5 ck45-b3ad222kynn 2,200 ? 8.5 5 51.5 ck45-b3ad272kynn 2,700 9 5 51.5 ck45-b3ad332kynn 3,300 ? 9.5 5 51.5 ck45-b3ad392kynn 3,900 10 5 51.5 CK45-B3AD472KYNN 4,700 ? 11 5 51.5 ck45-b3ad562kynn 5,600 12 5 7.51.5 ck45-b3ad682kynn 6,800 ? 13 5 7.51.5 ck45-b3ad822kynn 8,200 14 5 7.51.5 ck45-b3ad103kynn 10,000 ? 15 5 7.51.5 part no. capacitance (pf) dimensio ns (mm) ?d max. t max. f ck45-b3dd101kynn to ck45-b3dd471kynn 100 ? , 120, 150 ? 180, 220 ? , 270 330 ? , 470 ? 5.5 5 51.5 ck45-b3dd561kynn 560 6 5 51.5 ck45-b3dd681kynn 680 ? 6.5 5 51.5 ck45-b3dd821kynn 820 7 5 51.5 ck45-b3dd102kynn 1,000 ? 7.5 5 51.5 ck45-b3dd122kynn 1,200 8 5 51.5 ck45-b3dd152kynn 1,500 ? 8.5 5 51.5 ck45-b3dd182kynn 1,800 9 5 51.5 ck45-b3dd222kynn 2,200 ? 10 5 51.5 ck45-b3dd272kynn 2,700 10.5 5 51.5 ck45-b3dd332kynn 3,300 ? 11.5 5 7.51.5 ck45-b3dd392kynn 3,900 12.5 5 7.51.5 ck45-b3dd472kynn 4,700 ? 14 5 7.51.5 part no. capacitance (pf) dimensio ns (mm) ?d max. t max. f ck45-b3fd101kynn 100 5.5 6 7.51.5 ck45-b3fd121kynn 120 5.5 6 7.51.5 ck45-b3fd151kynn 150 5.5 6 7.51.5 ck45-b3fd181kynn 180 5.5 6 7.51.5 ck45-b3fd221kynn 220 5.5 6 7.51.5 ck45-b3fd271kynn 270 6 6 7.51.5 ck45-b3fd331kynn 330 6.5 6 7.51.5 ck45-b3fd391kynn 390 6.5 6 7.51.5 ck45-b3fd471kynn 470 7 6 7.51.5 ck45-b3fd561kynn 560 7.5 6 7.51.5 ck45-b3fd681kynn 680 8 6 7.51.5 ck45-b3fd821kynn 820 8.5 6 7.51.5 ck45-b3fd102kynn 1,000 9 6 7.51.5 ck45-b3fd122kynn 1,200 9.5 6 7.51.5 ck45-b3fd152kynn 1,500 10.5 6 7.51.5 ck45-b3fd182kynn 1,800 11.5 6 7.51.5 ck45-b3fd222kynn 2,200 12.5 6 7.51.5 ck45-b3fd272kynn 2,700 13.5 6 7.51.5 ck45-b3fd332kynn 3,300 14.5 6 7.51.5  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/2) 003-01 / 20060618 / e413_ck45.fm  all specifications are subject to change without notice. capacitance and dimensions temperature characteristics: e(+20, ?55%) rated voltage edc: 1kv rated voltage edc: 2kv ? 1kv and 2kv are e3 series standard products in temperature characteris- tics e. rated voltage edc: 3kv part no. capacitance (pf) dimensio ns (mm) ?d max. t max. f ck45-e3ad471zynn 470 ? 5.5 5 51.5 ck45-e3ad681zynn 680 5.5 5 51.5 ck45-e3ad102zynn 1,000 ? 5.5 5 51.5 ck45-e3ad152zynn 1,500 5.5 5 51.5 ck45-e3ad222zynn 2,200 ? 6.5 5 51.5 ck45-e3ad332zynn 3,300 7.5 5 51.5 ck45-e3ad472zynn 4,700 ? 8.5 5 51.5 ck45-e3ad682zynn 6,800 10 5 51.5 ck45-e3ad103zynn 10,000 ? 11.5 5 7.51.5 part no. capacitance (pf) dimensio ns (mm) ?d max. t max. f ck45-e3dd471zynn 470 ? 5.5 5 51.5 ck45-e3dd681zynn 680 5.5 5 51.5 ck45-e3dd102zynn 1,000 ? 6551.5 ck45-e3dd152zynn 1,500 7 5 51.5 ck45-e3dd222zynn 2,200 ? 8551.5 ck45-e3dd332zynn 3,300 9 5 51.5 ck45-e3dd472zynn 4,700 ? 10.5 5 51.5 ck45-e3dd682zynn 6,800 12.5 5 7.51.5 ck45-e3dd103zynn 10,000 ? 14.5 5 7.51.5 part no. capacitance (pf) dimensio ns (mm) ?d max. t max. f ck45-e3fd471zynn 470 6 6 7.51.5 ck45-e3fd681zynn 680 6.5 6 7.51.5 ck45-e3fd102zynn 1,000 7.5 6 7.51.5 ck45-e3fd152zynn 1,500 8.5 6 7.51.5 ck45-e3fd222zynn 2,200 9.5 6 7.51.5 ck45-e3fd332zynn 3,300 11.5 6 7.51.5 ck45-e3fd472zynn 4,700 12.5 6 7.51.5 ck45-e3fd682zynn 6,800 15 6 7.51.5 ck45-e3fd103zynn 10,000 17.5 6 102  for more information about products with other capacitance or other data, please contact us.


▲Up To Search▲   

 
Price & Availability of CK45-B3AD472KYNN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X